Part Number Hot Search : 
25MHZ MC10H302 MB110 2S09655 KTC812 2N5679 RMK816N 29LV160
Product Description
Full Text Search
 

To Download RP12-2405DAW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features regulated converters ? 4:1 wide input voltage range ? 1.6kvdc isolation ? ul certifed ? effciency up to 88% ? over current and over voltage protection ? no minimum load required pd-1 rev.: 1/2016 www.recom-power.com dc/dc converter 3 y e a r w a r r a n t y 3 description the rp12-aw wide range input dc/dc converters are certifed to ul 60950-1 and cul 60950-1. this makes them ideal for all telecom and industrial applications where approved safety standards are required. the dip24 package is available in both pinned and smd case styles and meets military standards for thermal shock and vibration tolerance. e196683 12 watt dip24/smd single & dual output rp12-aw selection guide part number input output output input (1) effciency (1) max. capacitive voltage range voltage current current typ. load (2) [vdc] [vdc] [ma] [ma] [%] [f] rp12-243.3saw (3) 9-36 3.3 3500 573 84 2000 rp12-2405saw (3) 9-36 5.1 2400 575 87 2000 rp12-2412saw (3) 9-36 12 1000 575 87 430 rp12-2415saw (3) 9-36 15 800 575 87 300 rp12-483.3saw (3) 18-75 3.3 3500 286 84 2000 rp12-4805saw (3) 18-75 5.1 2400 293 87 2000 rp12-4812saw (3) 18-75 12 1000 287 87 430 rp12-4815saw (3) 18-75 15 800 284 88 300 RP12-2405DAW (3) 9-36 5 1200 595 84 1250 rp12-2412daw (3) 9-36 12 500 575 87 200 rp12-2415daw (3) 9-36 15 400 575 87 120 rp12-4805daw (3) 18-75 5 1200 294 85 1250 rp12-4812daw (3) 18-75 12 500 287 87 200 rp12-4815daw (3) 18-75 15 400 287 87 120 ul60950-1 certifed input voltage output voltage s ingle or d ual rp12-__ __ _aw/_ package (3) ordering examples: rp12-2412saw/smd = 24v input, 12v output, single, smd package. model numbering notes: note1: maximum value at nominal input voltage and full load. note2: test by minimum vin and constant resistor load. notes: note3: no suffx for standard package (dip24), add suffx ?smd for smd package
pd-2 rev.: 1/2016 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp12-aw series basic characteristics parameter condition min. typ. max. input voltage range nom. vin = 24v nom. vin = 48v 9vdc 18vdc 24vdc 48vdc 36vdc 75vdc under voltage lockout (uvlo) vin = 24v dc-dc on dc-dc off 8vdc 9vdc vin = 48v dc-dc on dc-dc off 16vdc 18vdc input filter pi-type input refected ripple current nominal vin and full load 20map-p input surge voltage vin = 24v, 100ms max. vin = 48v, 100ms max. 50vdc 100vdc start-up time power up remote on/off 450ms 5ms operating frequency range 360khz 400khz 440khz minimum load of full load 0% ripple and noise 20mhz bandwidth 85mvp-p remote on/off (4) positive logic dc-dc on dc-dc off open or 3.0v < vr < 12v short or 0v < vr < 1.2v input current of remote pin (ctrl) dc-dc off 2.5ma dc-dc on -0.5ma +0.5ma notes: note4: the on/off control pin voltage is referenced to -vin pin. effciency vs. output current effciency vs. output current effciency vs. input voltage effciency vs. input voltage 9vin 24vin 36vin efficiency [%] output current [%] 10 65 60 55 50 45 40 70 75 80 90 95 20 40 60 80 100 30 50 70 90 85 18vin 48vin 75vin efficiency [%] output current [%] 10 60 55 50 45 40 65 70 75 80 90 95 20 40 60 80 100 30 50 70 90 85 efficiency [%] input voltage [vdc] 9 65 70 75 80 90 95 15 12 21 27 36 12 18 24 30 85 efficiency [%] total input voltage [%] 18 65 70 75 80 85 95 30 36 48 60 75 24 42 54 66 90 rp12-2405saw rp12-4805saw
dc/dc converter protections parameter condition value short circuit protection (scp) continuous, automatic recovery over voltage protection (ovp) zener diode clamp 3.3vout 5.1vout 12vout 15vout 3.9vdc 6.2vdc 15vdc 18vdc over load protection (olp) % of iout rated 150% typ. isolation voltage dip24 i/p to o/p i/p (o/p) to case 1.6kvdc/1 minute 1.6kvdc/1 minute smd i/p to o/p i/p (o/p) to case 1.6kvdc/1 minute 1.0kvdc/1 minute isolation resistance 500vdc 1g ? min. isolation capacitance 1500pf max. specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted regulations parameter condition value output voltage accuracy 1.2% line voltage regulation low line to high line at full load 0.2% load voltage regulation 0% load to 100% load dip typ single dual 0.5% 1.0% 0% load to 100% load smd single dual 1.0% 1.0% cross regulation asymmetrical 25%<>100% load 5% transient response recovery time 25% load step change 250 s typ. rp12-aw series pd-3 rev.: 1/2016 www.recom-power.com environmental parameter condition value operating temperature range 3.3vout, 5vout without derating with derating -40c to +64c -40c to +105c others without derating with derating -40c to +70c -40c to +100c maximum case temperature +105c temperature coeffcient 0.02%/c max. thermal impedance natural convection (20lfm) 20c/watt operating humidity 5% - 95% rh thermal shock mil-std-810f vibration mil-std-810f mtbf mil-hdbk-217f bellcore tr-nwt-000332 (6) 2087 x 10 3 hours 2350 x 10 3 hours continued on next page notes: note5: this power module is not internally fused. an input line fuse must always be used.
pd-4 rev.: 1/2016 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp12-aw series safety and certifications certifcate type (safety) report / file number standard ul general safety e196683 ul60950-1 1st ed.: 2003 c22.2 no. 60950 1st. ed.: 2003 emc compliance condition standard / criterion emi standard (8) with external flter en55022, class a or b esd radiated immunity fast transient (9) surge (9) conducted immunity air 8kv and contact 6kv 10 v/m 2kv 1kv 10 vr.m.s en61000-4-2, criteria a en61000-4-3, criteria a en61000-4-4, criteria a en61000-4-5, criteria a en61000-4-6, criteria a continued on next page notes: note8: the standard modules meet emi class a or class b with external components, see flter suggestions below. note9: an external input flter capacitor is required if the module has to meet en61000-4-4, en61000-4-5. the flter capacitor recom suggests: nippon chemi-con ky series, 220f/100v. notes: note6: bellcore tr-nwt-000332. case l: 50% stress, temperature at 40c (ground fxed and controlled environment). note7: derating graphs are valid only for the shown part numbers. if you need detailed derating- information about a part number not shown here please contact our technical support service at techsupportat@recom-power.com. -40 60 70 80 100 120 40 20 0 -20 0 20 40 60 80 100 ambient temperature [c] output power [%] rp12-2415saw derating graph (7) emc filtering class a input input dc dc fuse c1 +v in +v out -v out -v in load c3 c2 c2 dc dc fuse c1 +v in +v out com -v out -v in load load c3 input input dc dc fuse c1 +v in +v out -v out -v in load c3 c2 c2 dc dc fuse c1 +v in +v out com -v out -v in load load c3
dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp12-aw series pd-5 rev.: 1/2016 www.recom-power.com model c1 c2/c3 rp12-24xxs_da 3.3f/50v 1210 mlcc 1000pf/2kv 1206 mlcc rp12-48xxs_da 1.5f/100v 1812 mlcc 1000pf/2kv 1206 mlcc input input dc dc fuse c2 c1 +v in +v out -v out -v in load c4 c3 +v out com -v out load load l1 dc dc fuse c2 c1 +v in +v out -v out -v in c4 c3 l1 input input dc dc fuse c2 c1 +v in +v out -v out -v in load c4 c3 +v out com -v out load load l1 dc dc fuse c2 c1 +v in +v out -v out -v in c4 c3 l1 emc filtering class b model c1 c2 c3/c4 l1 rp12-24xxs_da 3.3f/50v 1812 mlcc n/a 1000pf/2kv 1206 mlcc cmc: 325h ref: we 744290321 ref.: cmc-06 rp12-48xxs_da 2.2f/100v 1812 mlcc 2.2f/100v 1812 mlcc 1000pf/2kv 1206 mlcc cmc: 145h ref: we 74482210002 ref.: cmc-07 dimensions and physical characteristics parameter type value material case base potting nickel coated copper non-conductive black plastic epoxy (ul94-v0) package dimensions (lxwxh) dip smd 31.8 x 20.3 x 10.2mm 32.0 x 20.3 x 11.2mm package weight dip smd 18g 20g continued on next page dip dimension drawing (mm) 20.3 3.8 10.20 31.8 ? 0.5 20.32 2.0 2 3 bottom view 9 11 23 22 16 14 1 5.08 15.20 2.54 pin connections pin # single dual 1 ctrl ctrl 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin pin pitch tolerance 0.25mm pin dimension tolerance 0.1mm xx.x 0.5mm xx.xx 0.25mm nc = no connection
pd-6 rev.: 1/2016 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp12-aw series packaging information parameter type value packaging quantity tube 7pcs. storage temperature range -55c to +125c storage humidity 5% - 95% rh the product information and specifcations are subject to change without prior notice. recom products are not authorized for use in safety-critical applications (such as life support) without recoms explicit written consent. a safety-critical application is defned as an application where a failure of a recom product may reasonably be expected to endanger or cause loss of life, infict bodily harm or damage property. the buyer shall indemnify and hold harmless recom, its affliated companies and its representatives against any damage claims in connection with the unauthorized use of recom products in such safety-critical applications. smd dimension drawing (mm) 10.9 25.4 11.2 20.3 0.50 1.60 2.40 32.0 27.94 20.3 25.4 10.16 2.54 1.0 x 0.50 1 4 5 9 10 11 12 3 2 24 21 20 bottom view top view 16 15 14 13 22 23 pin area 2.54 pin connections pin # single dual 1 ctrl ctrl 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin others nc nc pin pitch tolerance 0.25mm pin dimension tolerance 0.1mm xx.x 0.5mm xx.xx 0.25mm nc = no connection


▲Up To Search▲   

 
Price & Availability of RP12-2405DAW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X